Part Number Hot Search : 
93C46 174460 9701BG BUP23CF MMSZ5259 MPW160K 82C35 DZL4730
Product Description
Full Text Search
 

To Download NTE947D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE947 & NTE947D Integrated Circuit Dual Operational Amplifier
Description: The NTE947 and NTE947D are general purpose dual operational amplifiers in a 10-Lead Metal Can and 14-Lead DIP type packages respectively. These two amplifiers share a common bias network and power supply leads. Otherwise, their operation is completely independent. Features: D No Frequency Compensation Required D Short-Circuit Protection D Wide Common-Mode and Differential Voltage Ranges D Low-Power Consumption D No Latch-Up D Balanced Offset Null D Choice of Package Types: NTE947: 10-Lead Metal Can NTE947D: 14-Lead DIP Absolute Maximum Ratings: Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Power Dissipation (Note 1), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800mW Differential Input Voltage, VID . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Common-Mode Input Swing Voltage (Note 2), VICR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Output Short-Circuit Duration, tOS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite Operating Ambient Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Lead Temperature (During Soldering, 10sec), TL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300C Note 1. The maximum junction temperature of the NTE947 and NTE947D is 100C. For operating at elevated temperatures, the NTE947 must be derated based on a thermal resistance of +150C/W, junction-to-ambient, or +45C/W, junction-to-case. The thermal resistance of the NTE947D is +100C, junction-to-ambient. Note 2. For supply voltages less than 15V, the absolute maximum input voltage is equal to the supply voltage.
Electrical Characteristics: (VS = 15V, 0 TA +70C unless otherwise specified)
Parameter Input Offset Voltage Symbol VIO Test Conditions RS 10k TA = +25C 0 TA +70C Input Offset Voltage Adjustment Range Input Offset Current IIO IIB ri VICR TA = +25C, VS = 20V TA = +25C 0 TA +70C Input Bias Current TA = +25C 0 TA +70C Input Resistance Common-Mode Input Voltage Swing Large Signal Voltage Gain TA = +25C, VS = 20V TA = +25C VS = 15V, VO = 10V, RL 2k VOR IOS CMRR SVRR tPLH VS = 15V TA = +25C 0 TA +70C, RS 10k, VCM = 12V 0 TA +70C, RS 10k, VS = 20V to 5V TA = +25C, Unity Gain - - SR TA = +25C, Unity Gain TA = +25C, VS = 15V Pin Connection Diagram NTE947 (Top View) NTE947D - - - 0.3 5 0.5 1.7 50 - - - 2.8 85 TA = +25C 0 TA +70C RL 10k RL 2k Output Short-Circuit Current Common-Mode Rejection Ratio Supply Voltage Rejection Ratio Transient Response Rise Time Overshoot Slew Rate Supply Current (Per Amplifier) Power Consumption (Per Amplifier) Min - - - - - - - 0.3 12 20 15 12 10 - 70 77 Typ 2.0 - 15 20 - 80 - 2.0 13 200 - 14 13 25 90 96 Max 6.0 7.5 - 200 300 500 0.8 - - - - - - - - - Unit mV mV mV nA nA nA A M V V/mV V/mV V V mA dB dB
Output Voltage Swing
s % V/s mA mW
ICC, IEE TA = +25C PC
Invert Input B 7 V (+) B 8 Output B N.C. 9 10 1 Output A
Non-Invert Input B 6 5 V (-)
Invert Input A 1 Non-Invert Input A 2 Offset Null A 3 V (-) 4
14 Offset Null A 13 V (+) A 12 Output A 11 N.C. 10 Output B 9 V (+) B 8 Offset Null B
4 Non-Invert Input A 3 Invert Input A 2 V (+) A
Offset Null B 5 Non-Invert Input B 6 Invert Input B 7
NTE947
.335 (8.52) Dia Max
.175 (4.45) Max
.500 (12.7) Min
.018 (0.45) Dia Typ .100 (2.54) 3 2 1 7 10 9 8 .200 (5.08) Dia 4 5 6 .370 (9.4) Max
NTE947D
14
8
1
7
.785 (19.95) Max
.300 (7.62)
.200 (5.08) Max
.100 (2.45) .600 (15.24)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE947D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X